Part Number Hot Search : 
PIC18F4 PI74FCT SF4003GP 01456 C2625 AD560 CAT512 B2901
Product Description
Full Text Search
 

To Download IRLL024Z Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PD - 95886A
AUTOMOTIVE MOSFET
Features
l l l l l
IRLL024Z
HEXFET(R) Power MOSFET
D
Advanced Process Technology Ultra Low On-Resistance 150C Operating Temperature Fast Switching Repetitive Avalanche Allowed up to Tjmax
VDSS = 55V RDS(on) = 60m
G S
ID = 5.0A
Description
Specifically designed for Automotive applications, this HEXFET(R) Power MOSFET utilizes the latest processing techniques to achieve extremely low on-resistance per silicon area. Additional features of this design are a 150C junction operating temperature, fast switching speed and improved repetitive avalanche rating . These features combine to make this design an extremely efficient and reliable device for use in Automotive applications and a wide variety of other applications.
SOT-223
Absolute Maximum Ratings
ID @ TA = 25C ID @ TA = 70C IDM PD @TA = 25C PD @TA = 25C VGS EAS (Tested ) IAR EAR TJ TSTG Continuous Drain Current, VGS @ 10V (Silicon Limited) i Continuous Drain Current, VGS @ 10V Pulsed Drain Current Power Dissipation
Parameter
Max.
5.0 4.0 40 2.8 1.0 0.02 16
Units
A
Power Dissipation Linear Derating Factor Gate-to-Source Voltage
i j
i
i h
W W/C V mJ A mJ
EAS (Thermally limited) Single Pulse Avalanche Energyd Single Pulse Avalanche Energy Tested Value Avalanche CurrentA Repetitive Avalanche Energy Operating Junction and Storage Temperature Range
21 38 See Fig.12a, 12b, 15, 16 -55 to + 150
g
C
Thermal Resistance
RJA RJA
i Junction-to-Ambient (PCB mount, steady state) j
Junction-to-Ambient (PCB mount, steady state)
Parameter
Typ.
--- ---
Max.
45 120
Units
C/W
www.irf.com
1
08/03/04
IRLL024Z
Electrical Characteristics @ TJ = 25C (unless otherwise specified)
Parameter
V(BR)DSS V(BR)DSS/TJ RDS(on) VGS(th) gfs IDSS IGSS Qg Qgs Qgd td(on) tr td(off) tf Ciss Coss Crss Coss Coss Coss eff. Drain-to-Source Breakdown Voltage Breakdown Voltage Temp. Coefficient Static Drain-to-Source On-Resistance Gate Threshold Voltage Forward Transconductance Drain-to-Source Leakage Current Gate-to-Source Forward Leakage Gate-to-Source Reverse Leakage Total Gate Charge Gate-to-Source Charge Gate-to-Drain ("Miller") Charge Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Input Capacitance Output Capacitance Reverse Transfer Capacitance Output Capacitance Output Capacitance Effective Output Capacitance
Min. Typ. Max. Units
55 --- --- --- --- 1.0 7.5 --- --- --- --- --- --- --- --- --- --- --- --- --- --- --- --- --- --- 0.049 48 --- --- --- --- --- --- --- --- 7.0 1.5 4.0 8.6 33 20 15 380 66 36 220 53 93 --- --- 60 80 100 3.0 --- 20 250 200 -200 11 --- --- --- --- --- --- --- --- --- --- --- --- V V/C m V S A nA
Conditions
VGS = 0V, ID = 250A Reference to 25C, ID = 1mA VGS = 10V, ID = 3.0A VGS = 5.0V, ID = 3.0A VGS = 4.5V, ID = 3.0A VDS = VGS, ID = 250A VDS = 25V, ID = 3.0A VDS = 55V, VGS = 0V VDS = 55V, VGS = 0V, TJ = 125C VGS = 16V VGS = -16V ID = 3.0A VDS = 44V VGS = 5.0V VDD = 28V ID = 3.0A RG = 56 VGS = 5.0V VGS = 0V VDS = 25V = 1.0MHz VGS = 0V, VDS = 1.0V, = 1.0MHz VGS = 0V, VDS = 44V, = 1.0MHz VGS = 0V, VDS = 0V to 44V
e e e
nC
e e
ns
pF
f
Source-Drain Ratings and Characteristics
Parameter
IS ISM VSD trr Qrr ton Continuous Source Current (Body Diode) Pulsed Source Current (Body Diode)A Diode Forward Voltage Reverse Recovery Time Reverse Recovery Charge Forward Turn-On Time
Min. Typ. Max. Units
--- --- --- --- --- --- --- --- 15 9.1 5.0 A 40 1.3 23 14 V ns nC
Conditions
MOSFET symbol showing the integral reverse
G D
S p-n junction diode. TJ = 25C, IS = 3.0A, VGS = 0V TJ = 25C, IF = 3.0A, VDD = 28V di/dt = 100A/s
e
Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
e
Notes: Repetitive rating; pulse width limited by max. junction temperature. (See fig. 11). Limited by TJmax, starting TJ = 25C, L = 4.8mH RG = 25, IAS = 3.0A, VGS =10V. Part not recommended for use above this value. Pulse width 1.0ms; duty cycle 2%. Coss eff. is a fixed capacitance that gives the same charging time as Coss while VDS is rising from 0 to 80% VDSS .
Limited by TJmax , see Fig.12a, 12b, 15, 16 for typical
repetitive avalanche performance.
This value determined from sample failure population.
100% tested to this value in production.
When mounted on 1 inch square copper board. When mounted on FR-4 board using minimum
recommended footprint.
2
www.irf.com
IRLL024Z
100
TOP VGS 10V 9.0V 7.0V 5.0V 4.5V 4.0V 3.5V 3.0V
100
TOP VGS 10V 9.0V 7.0V 5.0V 4.5V 4.0V 3.5V 3.0V
ID, Drain-to-Source Current (A)
ID, Drain-to-Source Current (A)
10
BOTTOM
10
BOTTOM
3.0V 1
1
3.0V
60s PULSE WIDTH
0.1 0.1 1 Tj = 25C 0.1 100 0.1 1 10
60s PULSE WIDTH
Tj = 150C 10 100
V DS, Drain-to-Source Voltage (V)
V DS, Drain-to-Source Voltage (V)
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
100
Gfs, Forward Transconductance (S)
10 TJ = 25C 8 T J = 150C
ID, Drain-to-Source Current ()
T J = 150C 10
6
1
T J = 25C
4
2
0.1 0 2 4
VDS = 10V 60s PULSE WIDTH 6 8 10
V DS = 10V 300s PULSE WIDTH 0 2 4 6 8 10 12
0 ID,Drain-to-Source Current (A)
VGS, Gate-to-Source Voltage (V)
Fig 3. Typical Transfer Characteristics
Fig 4. Typical Forward Transconductance vs. Drain Current
www.irf.com
3
IRLL024Z
10000 VGS = 0V, f = 1 MHZ C iss = C gs + C gd, C ds SHORTED C rss = C gd C oss = C ds + C gd
6.0 ID= 3.0A
VGS, Gate-to-Source Voltage (V)
5.0 4.0 3.0 2.0 1.0 0.0
VDS= 44V VDS= 28V VDS= 11V
C, Capacitance(pF)
1000
Ciss Coss Crss
100
10 1 10 100
0
1
2
3
4
5
6
7
8
VDS, Drain-to-Source Voltage (V)
QG Total Gate Charge (nC)
Fig 5. Typical Capacitance vs. Drain-to-Source Voltage
Fig 6. Typical Gate Charge vs. Gate-to-Source Voltage
100
1000 100 10 100sec 1 0.1 DC T A = 25C Tj = 150C Single Pulse 0.1 1.0 10 100 1000.0 1msec 10msec OPERATION IN THIS AREA LIMITED BY R DS(on)
10
T J = 150C
TJ = 25C 1
VGS = 0V 0 0.0 0.5 1.0 1.5 2.0 2.5 3.0 VSD, Source-to-Drain Voltage (V)
0.0001 VDS, Drain-to-Source Voltage (V)
ID, Drain-to-Source Current (A)
ISD, Reverse Drain Current (A)
0.01
0.001
Fig 7. Typical Source-Drain Diode Forward Voltage
Fig 8. Maximum Safe Operating Area
4
www.irf.com
IRLL024Z
5
RDS(on) , Drain-to-Source On Resistance (Normalized)
2.0
4
ID, Drain Current (A)
ID = 3.0A VGS = 10V
1.5
3
2
1.0
1
0 25 50 75 100 125 150 T A , Ambient Temperature (C)
0.5 -60 -40 -20 0 20 40 60 80 100 120 140 160
T J , Junction Temperature (C)
Fig 9. Maximum Drain Current vs. Ambient Temperature
Fig 10. Normalized On-Resistance vs. Temperature
100
10
Thermal Response ( Z thJA )
1
D = 0.50 0.20 0.10 0.05 0.02 0.01
J R1 R1 J 1 2 R2 R2 R3 R3 3 C 3
0.1
Ri (C/W) i (sec) 5.3396 0.000805 19.881 19.771 0.706300 20.80000
0.01
1
2
0.001
SINGLE PULSE ( THERMAL RESPONSE )
Ci= i/Ri Ci i/Ri
Notes: 1. Duty Factor D = t1/t2 2. Peak Tj = P dm x Zthja + Tc
0.01 0.1 1 10 100
0.0001 1E-006 1E-005 0.0001 0.001
t1 , Rectangular Pulse Duration (sec)
Fig 11. Maximum Effective Transient Thermal Impedance, Junction-to-Ambient
www.irf.com
5
IRLL024Z
EAS , Single Pulse Avalanche Energy (mJ)
15V
100
VDS
L
DRIVER
80
ID 3.0A 0.80A BOTTOM 0.69A TOP
RG
20V VGS
D.U.T
IAS tp
+ V - DD
60
A
0.01
40
Fig 12a. Unclamped Inductive Test Circuit
V(BR)DSS tp
20
0 25 50 75 100 125 150
Starting T J , Junction Temperature (C)
I AS
Fig 12b. Unclamped Inductive Waveforms
QG
Fig 12c. Maximum Avalanche Energy vs. Drain Current
10 V
QGS
QGD
VGS(th) Gate threshold Voltage (V)
2.5
VG
2.0
Charge
Fig 13a. Basic Gate Charge Waveform
ID = 250A
1.5
L
0
DUT 1K
VCC
1.0 -75 -50 -25 0 25 50 75 100 125 150
T J , Temperature ( C )
Fig 13b. Gate Charge Test Circuit
Fig 14. Threshold Voltage vs. Temperature
6
www.irf.com
IRLL024Z
100
Avalanche Current (A)
10
Duty Cycle = Single Pulse
1
0.01 0.05
Allowed avalanche Current vs avalanche pulsewidth, tav assuming Tj = 25C due to avalanche losses
0.1
0.10
0.01 1.0E-05 1.0E-04 1.0E-03 1.0E-02 1.0E-01 1.0E+00 1.0E+01
tav (sec)
Fig 15. Typical Avalanche Current vs.Pulsewidth
25
EAR , Avalanche Energy (mJ)
20
TOP Single Pulse BOTTOM 1% Duty Cycle ID = 3.0A
15
10
5
0 25 50 75 100 125 150
Starting T J , Junction Temperature (C)
Notes on Repetitive Avalanche Curves , Figures 15, 16: (For further info, see AN-1005 at www.irf.com) 1. Avalanche failures assumption: Purely a thermal phenomenon and failure occurs at a temperature far in excess of T jmax. This is validated for every part type. 2. Safe operation in Avalanche is allowed as long asTjmax is not exceeded. 3. Equation below based on circuit and waveforms shown in Figures 12a, 12b. 4. PD (ave) = Average power dissipation per single avalanche pulse. 5. BV = Rated breakdown voltage (1.3 factor accounts for voltage increase during avalanche). 6. Iav = Allowable avalanche current. 7. T = Allowable rise in junction temperature, not to exceed Tjmax (assumed as 25C in Figure 15, 16). tav = Average time in avalanche. D = Duty cycle in avalanche = tav *f ZthJC(D, tav ) = Transient thermal resistance, see figure 11) PD (ave) = 1/2 ( 1.3*BV*Iav) = DT/ ZthJC Iav = 2DT/ [1.3*BV*Zth] EAS (AR) = PD (ave)*tav
Fig 16. Maximum Avalanche Energy vs. Temperature
www.irf.com
7
IRLL024Z
Driver Gate Drive
D.U.T
+
P.W.
Period
D=
P.W. Period VGS=10V
+
Circuit Layout Considerations * Low Stray Inductance * Ground Plane * Low Leakage Inductance Current Transformer
*
D.U.T. ISD Waveform Reverse Recovery Current Body Diode Forward Current di/dt D.U.T. VDS Waveform Diode Recovery dv/dt
-
-
+
RG
* * * * dv/dt controlled by RG Driver same type as D.U.T. I SD controlled by Duty Factor "D" D.U.T. - Device Under Test
VDD
VDD
+ -
Re-Applied Voltage Inductor Curent
Body Diode
Forward Drop
Ripple 5%
ISD
* VGS = 5V for Logic Level Devices Fig 17. Peak Diode Recovery dv/dt Test Circuit for N-Channel HEXFET(R) Power MOSFETs
RD
V DS VGS RG 10V
Pulse Width 1 s Duty Factor 0.1 %
D.U.T.
+
-VDD
Fig 18a. Switching Time Test Circuit
VDS 90%
10% VGS
td(on) tr t d(off) tf
Fig 18b. Switching Time Waveforms
8
www.irf.com
IRLL024Z
SOT-223 (TO-261AA) Package Outline
Dimensions are shown in milimeters (inches)
SOT-223 (TO-261AA) Part Marking Information
C@YA@UAQSP9V8UAH6SFDIB
UCDTADTA6IADSAG # GPUA8P9@ 6YYYY 6A2A6TT@H7GATDU@ 96U@A8P9@ 8P9@ XX A2A@6S XXA2AX@@F QA2A9@TDBI6U@TAG@69AS@@ QSP9V8UAPQUDPI6G
DIU@SI6UDPI6G S@8UDAD@S GPBP
Q6SUAIVH7@S
)/ 3
UPQ
7PUUPH
www.irf.com
9
IRLL024Z
SOT-223 (TO-261AA) Tape & Reel Information
Dimensions are shown in milimeters (inches)
4.10 (.161) 3.90 (.154) 1.85 (.072) 1.65 (.065) 0.35 (.013) 0.25 (.010)
TR
2.05 (.080) 1.95 (.077)
7.55 (.297) 7.45 (.294)
7.60 (.299) 7.40 (.292) 1.60 (.062) 1.50 (.059) TYP. FEED DIRECTION 12.10 (.475) 11.90 (.469) 7.10 (.279) 6.90 (.272)
16.30 (.641) 15.70 (.619)
2.30 (.090) 2.10 (.083)
NOTES : 1. CONTROLLING DIMENSION: MILLIMETER. 2. OUTLINE CONFORMS TO EIA-481 & EIA-541. 3. EACH O330.00 (13.00) REEL CONTAINS 2,500 DEVICES.
13.20 (.519) 12.80 (.504) 15.40 (.607) 11.90 (.469) 4
330.00 (13.000) MAX.
50.00 (1.969) MIN.
NOTES : 1. OUTLINE COMFORMS TO EIA-418-1. 2. CONTROLLING DIMENSION: MILLIMETER.. 3. DIMENSION MEASURED @ HUB. 4. INCLUDES FLANGE DISTORTION @ OUTER EDGE.
18.40 (.724) MAX. 14.40 (.566) 12.40 (.488)
4
3
Data and specifications subject to change without notice. This product has been designed for the Automotive [Q101] market. Qualification Standards can be found on IR's Web site.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 TAC Fax: (310) 252-7903 Visit us at www.irf.com for sales contact information. 08/04
10
www.irf.com


▲Up To Search▲   

 
Price & Availability of IRLL024Z

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X